Part Number Hot Search : 
2SC3298B D22396EJ TY0137A TLS263P SS12SDP2 63A05 MPSH10 MM3Z12
Product Description
Full Text Search
 

To Download 2SC4297 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
DESCRIPTION With TO-3PML package High voltage ,high speed switching
APPLICATIONS
2SC4297
For switching regulator and general purpose applications
PINNING PIN 1 2 3 Base Collector Fig.1 simplified outline (TO-3PML) and symbol Emitter DESCRIPTION
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM IB PC Tj Tstg
Collector-base voltage

PARAMETER
Collector-emitter voltage
INC
Emitter-base voltage
Collector current
E SEM ANG H
Open base TC=25ae
Open emitter
OND IC
CONDITIONS
TOR UC
VALUE 500 400 10 12 24 4 75 150 -55~150
UNIT V V V A A A W ae ae
Open collector
Collector current-peak Base current Collector power dissipation Junction temperature Storage temperature
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4297
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency Output capacitance CONDITIONS IC=25mA; IB=0 IC=7A;IB=1.4A IC=7A;IB=1.4A VCB=500V ;IE=0 VEB=10V; IC=0 IC=7A ; VCE=4V IE=-1A ; VCE=12V VCB=10V;f=1MHz 10 10 MIN 400 0.5 1.3 100 100 30 MHz pF |I |I TYP. MAX UNIT V V V A A
SYMBOL V(BR)CEO VCEsat VBEsat ICBO IEBO hFE fT COB
Switching times ton tstg tf
Fall time

CHA IN
Turn-on time Storage time
E SEM NG
OND IC
TOR UC
105 1.0 3.0 0.5
|I |I |I
s s s
IC=7A;IB1=0.7A; IB2=-1.4A;RL=28.5 VCC=200V
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC4297

CHA IN
E SEM NG
OND IC
TOR UC
Fig.2 Outline dimensions
3
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4297

CHA IN
E SEM NG
OND IC
TOR UC
4


▲Up To Search▲   

 
Price & Availability of 2SC4297

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X